Part Number Hot Search : 
85XXX UM6167 MB86H25B NCP15 CRH01 1058015 FPF1018 5HFP100
Product Description
Full Text Search
 

To Download 6N137-X009T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 1 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high speed optocoupler, single and dual, 10 mbd description the 6n137, vo2601, and vo2611 are single channel 10 mbd optocouplers utilizing a high efficient input led coupled with an integrated op tical photodiode ic detector. the detector has an open dr ain nmos-transistor output, providing less leakage compare d to an open collector schottky clamped transistor output. the vo2630, vo2631, and vo4661 are dual channel 10 mbd optocouplers. for the single channel type, an enable function on pin 7 allows the detector to be strobed. the internal shield provides a guaranteed common mode transient immunity of 5 kv/s for the vo2601 and vo2631 and 15 kv/s for the vo2611 and vo4661. the use of a 0.1 f bypass capacitor connected between pin 5 and 8 is recommended. features ? choice of cmr performance of 15 kv/s, 5 kv/s, and 1000 v/s ? high speed: 10 mbd typical ? +5 v cmos compatibility ? pure tin leads ? guaranteed ac and dc performance over temperature ? meets iec 60068-2-42 (so 2 ) and iec 60068-2-43 (h 2 s) requirements ? low input current capability of 5 ma ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? microprocessor system interface ? plc, ate input / output isolation ? computer periph eral interface ? digital fieldbus isolation: cc- link, devicenet, profibus, sds ? high speed a/d and d/a conversion ? ac plasma display panel level shifting ? multiplexed data transmission ? digital control power supply ? ground loop elimination, noise isolation agency approvals ? ul1577 ?cul ? din en 60747-5-5 (vde 0884-5) available with option 1 ? bs en 60950-1 ? cqc gb8898-2011, gb4943.1-2011 1 2 3 4 8 7 6 5 a1 c1 c2 a2 v cc v o1 v o2 g nd dual channel 1 2 3 4 8 7 6 5 nc a c nc v cc v e v o g nd s ingle channel 6n137, vo2601, vo2611 vo2630, vo2631, vo4661 ordering information vo2601-x0##t part number package option tape and reel agency certified/package channels 1 channels 2 cmr (v/s) cmr (v/s) bsi, ul, cul 1000 5000 15 000 1000 5000 15 000 dip-8 6n137 vo2601 vo2611 vo2630 vo2631 vo4661 dip-8, 400 mil (option 6) 6n137-x006 vo2601-x006 vo2611-x006 vo2630-x006 vo2631-x006 vo4661-x006 smd-8 (option 7) 6n137-x007t vo2601-x007t vo2611-x007t vo2630-x007t vo2631-x007t vo4661-x007t smd-8 (option 9) 6N137-X009T - - vo2630-x009t - - vde, bsi, ul, cul 1000 5000 15 000 1000 5000 15 000 dip-8, 400 mil (option 6) - vo2601-x016 vo2611-x016 - vo2631-x016 - smd-8 (option 7) - vo2601-x017t vo2611-x017t - vo2631-x017t - > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip-8 option 7 option 6 option 9
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 2 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? stresses in excess of the absolu te maximum ratings can ca use permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of th e time can adversely affect reliability. truth table (positive logic) led enable output on h l off h h on l h off l h on nc l off nc h absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter conditions symbol value unit input average forward current (single channel) i f 20 ma average forward current (per channel for dual channel) i f 15 ma reverse input voltage v r 5v enable input voltage v e v cc + 0.5 v v enable input current i e 5ma surge current t = 100 s i fsm 200 ma output power dissipation (single channel) p diss 35 mw output power dissipat ion (per ch annel for dual channel) p diss 25 mw output supply voltage 1 min maximum v cc 7v output current i o 50 ma output voltage v o 7v output power dissipat ion (single channel) p diss 85 mw output power dissipat ion (per ch annel for dual channel) p diss 60 mw coupler storage temperature t stg -55 to +150 c operating temperature t amb -40 to +100 c lead solder temperature for 10 s 260 c solder reflow temperature 260 c
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 3 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - total power dissipation vs. ambient temperature (single channel) fig. 2 - total power dissipation vs. ambient temperature (dual channel) fig. 3 - forward current vs. ambient temperature (single channel) fig. 4 - forward current vs. ambient temperature (dual channel) 0 20 40 60 80 100 0255075100125 p tot - total power di ss ipation (mw) t amb - ambient temperature ( c) output input 0 20 40 60 80 100 0255075100125 p tot - total power di ss ipation (mw) t amb - ambient temperature ( c) output input 0255075100125 i f - forward current (ma) t amb - ambient temperature ( c) 0 5 10 15 20 25 30 0255075100125 i f - forward current (ma) t amb - ambient temperature ( c) 0 5 10 15 20 25 30 recommended operating conditions parameter test condition symbol min. max. unit operating temperature t amb -40 100 c supply voltage v cc 4.5 5.5 v input current low level i fl 0 250 a input current high level i fh 515ma logic high enable voltage v eh 2v cc v logic low enable voltage v el 00.8v output pull up resistor r l 330 4k fanout r l = 1 k n-5-
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 4 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. notes ? over recommended temperature (t amb = -40 c to +100 c), v cc = 5 v, i f = 7.5 ma unless otherwise specified. all typicals at t amb = 25 c, v cc = 5 v. (1) 75 ns applies to the 6n137 only, a jedec ? registered specification electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input input forward voltage i f = 10 ma v f 1.1 1.4 1.7 v reverse current v r = 5 v i r -0.0110a input capacitance f = 1 mhz, v f = 0 v c i -55-pf output high level supply current (single channel) v e = 0.5 v, i f = 0 ma i cch -4.17ma v e = v cc , i f = 0 ma i cch -3.36ma high level supply current (dual channel) i f = 0 ma i cch -6.512ma low level supply current (single channel) v e = 0.5 v, i f = 10 ma i ccl -47ma v e = v cc , i f = 10 ma i ccl -3.36ma low level supply current (dual channel) i f = 10 ma i ccl -6.512ma high level output current v e = 2 v, v cc = 5.5 v, i f = 250 a i oh - 0.002 1 a low level output voltage v e = 2 v, i f = 5 ma, i ol (sinking) = 13 ma v ol -0.20.6v input threshold current v e = 2 v, v cc = 5.5 v, i ol (sinking) = 13 ma i th -2.45ma high level enable current v e = 2 v i eh - -0.6 -1.6 ma low level enable current v e = 0.5 v i el - -0.8 -1.6 ma high level enable voltage v eh 2- -v low level enable voltage v el --0.8v switching char acteristics parameter test condition symbol min. typ. max. unit propagation delay time to high output level r l = 350 , c l = 15 pf t plh 20 48 75 (1) ns t plh - - 100 ns propagation delay time to low output level r l = 350 , c l = 15 pf t phl 25 50 75 (1) ns t phl - - 100 ns pulse width disortion r l = 350 , c l = 15 pf |t phl - t plh| - 2.9 35 ns propagation delay skew r l = 350 , c l = 15 pf t psk - 8 40 ns output rise time (10 % to 90 %) r l = 350 , c l = 15 pf t r -23-ns output fall time (90 % to 10 %) r l = 350 , c l = 15 pf t f -7-ns propagation delay time of enable from v eh to v el r l = 350 , c l = 15 pf, v el = 0 v, v eh = 3 v t elh -12-ns propagation delay time of enable from v el to v eh r l = 350 , c l = 15 pf, v el = 0 v, v eh = 3 v t ehl -11-ns
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 5 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - single channe l test circuit for t plh , t phl , t r and t f fig. 6 - dual channel test circuit for t plh , t phl , t r and t f fig. 7 - single channe l test circuit for t ehl , and t elh 1 2 3 4 8 7 6 5 18964-2 the probe and jig capacitances are included in c input i f output v o i f 0 ma v ol 1.5 v t phl t plh v oh c = 15 pf gnd 0.1 f bypass v cc v out v cc i f r r l inpu ti f monitoring node output v o monitoring node l single channel pulse gen. z = 50 t= t = 5 ns o f r m l = 7.5 ma i f = 3.75 ma v e 1 2 3 4 8 7 6 5 gnd v cc pulse gen. z 0 = 50 t f = t r = 5 ns input monitoring node dual channel output v monitoring node o i f r m r l c l =15pf 0.1 f bypass 18963-5 v cc 1 2 3 4 8 7 6 5 18975-2 the probe and jig capacitances are included in c inpu tv e output v o t ehl t elh c = 15 pf gnd 0.1 f bypass v cc v out v cc i f r l output v o monitoring node l single channel pulse gen. z = 50 t= t = 5 ns o f r l 7.5 ma input v monitoring node e 3 v 1.5 v 1.5 v v e
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 6 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) for 6n137 and vo2630 (2) for vo2601 and vo2631 (3) for vo2611 and vo4661 fig. 8 - single channel test circuit for common mode transient immunity fig. 9 - dual channel test circui t for common mode transient immunity common mode transient immunity (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit common mode tr ansient immunity |v cm | = 10 v, v cc = 5 v, i f = 0 ma, v o(min.) = 2 v, r l = 350 , t amb = 25 c (1) |cm h |1000 v/s |v cm | = 50 v, v cc = 5 v, i f = 0 ma, v o(min.) = 2 v, r l = 350 , t amb = 25 c (2) |cm h | 5000 10 000 v/s |v cm | = 1 kv, v cc = 5 v, i f = 0 ma, v o(min.) = 2 v, r l = 350 , t amb = 25 c (3) |cm h | 15 000 25 000 v/s |v cm | = 10 v, v cc = 5 v, i f = 7.5 ma, v o(max.) = 0.8 v, r l = 350 , t amb = 25 c (1) |cm l |1000 v/s |v cm | = 50 v, v cc = 5 v, i f = 7.5 ma, v o(max.) = 0.8 v, r l = 350 , t amb = 25 c (2) |cm l | 5000 10 000 v/s |v cm | = 1 kv, v cc = 5 v, i f = 7.5 ma, v o(max.) = 0.8 v, r l = 350 , t amb = 25 c (3) |cm l | 15 000 25 000 v/s v cm (peak) switch at a: i f switch at a: v o (min. v o (max.) 0 v 5 v v cm v o v o 0.5 v cm h cm l 1 2 3 4 8 7 6 5 18976-2 gnd 0.1 f bypass v cc v out v cc r l output v o monitoring node + - v cm single channel b a v ff i f pulse generator z = 50 o v e ) = 0 ma i f = 7.5 ma 1 2 3 4 8 7 6 5 18977-1 gnd 0.1 f bypass v cc r l output v o monitoring node + - v cm b a v ff i f pulse generator z = 50 o dual channel v cc
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 7 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? as per iec 60747-5-5, 7.4.3.8.2, this opto coupler is suitable for saf e electrical insulation only within the safety rating s. compliance with the safety ratings shall be ensured by means of protective circuits. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 10 - forward voltage vs. ambient temperature fig. 11 - forward voltage vs. forward current safety and insulation ratings parameter test condition symbol value unit climatic classificati on according to iec 68 part 1 55 / 100 / 21 pollution degree accord ing to din vde 0109 2 comparative tracking index insulation group iiia cti 175 maximum rated withstanding isolation voltage according to ul1577, t = 1 min v iso 5300 v rms maximum transient isol ation voltage according to din en 60747-5-5 v iotm 8000 v peak maximum repetitive peak isolation voltage accor ding to din en 60747-5-5 v iorm 890 v peak isolation resistance t amb = 25 c, v io = 500 v r io 10 12 t amb = 100 c, v io = 500 v r io 10 11 output safety power p so 500 mw input safety current i si 300 ma input safety temperature t s 175 c creepage distance dip-8 7mm clearance distance 7mm creepage distance dip-8, 400 mil (option 6) 8mm clearance distance 8mm creepage distance smd-8 (option 7) 8mm clearance distance 8mm creepage distance smd-8 (option 9) 8mm clearance distance 8mm insulation thickness dti 0.4 mm 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 t amb - ambient temperature (c) i f = 10 ma i f = 20 ma i f = 1 ma v f - forward voltage (v) -40 -20 0 20 40 60 80 100 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 0101520253035404550 i f - forward current (ma) 17611 v f - forward voltage (v) 5
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 8 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 12 - reverse current vs. ambient temperature fig. 13 - low level supply current vs. ambient temperature fig. 14 - high level supply cu rrent vs. ambient temperature fig. 15 - input threshold on cu rrent vs. ambient temperature fig. 16 - input threshold off current vs. ambient temperature fig. 17 - low level output vo ltage vs. ambient temperature 0 1 2 3 4 5 6 7 i r - reverse current (na) t amb - ambient temperature (c) 17613-1 v r = 5 v -40 -20 0 20406080100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 i cci - low level supply current (ma) t amb - ambient temperature (c) 17614 v cc = 5 v i f = 10 ma i f = 10 ma v cc = 7 v -40 -20 0 20406080100 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 i cch - high level supply current (ma) t amb - ambient temperature (c) 17615 v cc = 7 v i f = 0.25 ma v cc = 5 v i f = 0.25 ma -40 -20 0 20406080100 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 i th - input threshold on current (a) t amb - ambient temperature (c) 17616 r l = 350 r l = 1 k r l = 4 k -40 -20 0 20406080100 2.0 2.1 2.2 2.3 2.4 2.5 2.6 i th - input threshold off current (a) t amb - ambient temperature (c) 17617 r l = 350 r l = 1 k r l = 4 k -40 -20 0 20406080100 0.00 0.05 0.10 0.15 0.20 0.25 0.30 v ol - low level output voltage (v) t amb - ambient temperature (c) 17618 i l = 6 ma i l = 10 ma i l = 13 ma i l = 16 ma v cc = 5.5 v i f = 5 ma -40 -20 020406080100
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 9 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 18 - low level output cu rrent vs. ambient temperature fig. 19 - high level output cu rrent vs. ambient temperature fig. 20 - output voltage vs. forward input current fig. 21 - propagation dela y vs. ambient temperature fig. 22 - propagation delay vs. forward current fig. 23 - pulse width distortion vs. ambient temperature 0 10 20 30 40 50 60 i ol - low level output current (ma) t amb - ambient temperature (c) 17619 i f = 5 ma i f = 10 ma -40 -20 0 20406080100 0 5 10 15 20 25 30 35 40 45 50 i oh - high level output current (na) t amb - ambient temperature (c) 17620 -40 -20 020406080100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0 v o - output voltage (v) i f - forward input current (ma) 17621 r l = 350 5 4 3 2 1 r l = 1 k r l = 4 k 0 20 40 60 80 100 120 t amb - ambient temperature (c) 17622 t p - propagation delay time (ns) t plh , 4 k t plh , 1 k t plh , 350 t phl , 350 t phl , 1 k t phl , 4 k -40 -20 020406080100 0 20 40 60 80 100 120 5111315 i f - forward current (ma) 17623 t p - propagation delay time (ns) t plh , 4 k 9 7 t plh , 1 k t plh , 350 t phl , 350 t phl , 1 k t phl , 4 k 0 10 20 30 40 50 t amb - ambient temperature (c) 17624 pwd - pulse width distortion (ns) r l = 4 k r l = 1 k r l = 350 -40 -20 0 20406080100
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 10 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 24 - pulse width distortion vs. forward current fig. 25 - rise and fall time vs. ambient temperature fig. 26 - rise and fall time vs. forward current fig. 27 - enable propagation delay vs. ambient temperature 0 10 20 30 40 50 60 5111315 i f - forward current (ma) 17625 pwd - pulse width distortion (ns) r l = 4 k 9 7 r l = 1 k r l = 350 0 50 100 150 200 250 300 t amb - ambient temperature (c) 17626 t r, f - rise and fall time (ns) t r , r l = 4 k t f , r l = 350 t f , r l = 1 k t f , r l = 4 k t r , r l = 1 k t r , r l = 350 -40 -20 0 20406080100 0 50 100 150 200 250 300 5111315 i f - forward current (ma) 17627 t r, f - rise and fall time (ns) t r , r l = 4 k 9 7 t r , r l = 1 k t r , r l = 350 t f , r l = 350 t f , r l = 1 k t f , r l = 4 k 0 10 20 30 40 50 60 t amb - ambient temperature (c) 17628 t e - enable propagation delay (ns) t elh = 4 k t elh = 350 t ehl = 350 t ehl = 4 k t elh = 1 k t ehl = 1 k -40 -20 0 20406080100
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 11 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions (in millimeters) dip-8 dip-8, 400 mil (option 6) 10.16 max. 9.75 0.15 1.27 0.10 0.50 0.10 2.54 nom. 3 x 2.54 = 7.62 3.55 0.20 0.70 0.20 0.95 0.20 7.62 typ. 6.70 0.15 7 typ. 0.25 0.10 3.10 0.25 6.00 0.25 pin one i.d. 8765 2 14 3 pin one i.d. 8765 2 14 3 10.16 max. 9.75 0.15 1.27 0.10 0.50 0.10 2.54 nom. 3 x 2.54 = 7.62 3.55 0.20 0.1 min. 0.95 0.20 10.16 typ. 7.62 typ. 6.70 0.15 10.55 0.40 0.25 0.10
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 12 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 smd-8 (option 7) smd-8 (option 9) pin one i.d. 12 34 7 865 10.16 max. 9.75 0.15 1.27 0.10 2.54 nom. 3 x 2.54 = 7.62 3.55 0.20 0.95 0.20 lead s coplanarity 0.10 max. 0.25 0.10 10.05 0.25 7.62 typ. 8.00 min. 6.70 0.15 0.70 0.20 0.75 0.25 8.40 min. r0.250 2.54 0.76 1.78 1.52 11.05 8.00 min. recommended footprint pin one i.d. 12 34 7 865 10.16 max. 9.75 0.15 1.27 0.10 2.54 nom. 3 x 2.54 = 7.62 3.55 0.20 0.95 0.20 lead s coplanarity 0.10 max. 7.62 typ. 8.00 min. 6.70 0.15 0.25 0.10 0.75 0.20 9.78 0.25 0.18 0.08 r0.250 2.54 0.76 1.78 1.52 11.05 8.00 min. recommended footprint
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 13 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package marking fig. 28 - example of vo2611-x017t notes ? vde logo is only marked on option 1 parts. ? tape and reel suffix (t) is not part of the package marking. packing information (in millimeters) tube fig. 29 - shipping tube specifications for dip-8 packages dip-8 fig. 30 - tube shipping medium devices per tubs type units/tube tubes/box units/box dip-8 50 40 2000 vo2611 v yww 68 17996-3 made in malaysia antistatic detail a 200 0.5 125 0.5 150 0.5 detail b b 14 x 13 x 10 = 130 ?1.0 a optosemiconductor vishay 260 0.5 330 0.5 528 0.2 30 0.5 0.7 0.5 3 0.5 380 1 ?1.0 1.0 ?1.0 ? 1.0 detail a detail b 10 6 section a - b r0.1 r 0.5 // 0.2 b a b not to scale transparent rigid pvc 17996-4 12 0.3 6.6 0.3 4.4 0.3 5.7 0.15 11 0.3 0.6 0.1 2.7 0.2
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 14 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dip-8, 400 mil (option 6) fig. 31 - tube shipping medium tape and reel fig. 32 - tape and reel shipping medium fig. 33 - tape and re el shipping medium smd-8 (option 7) fig. 34 - tape and reel p acking (1000 pieces on reel) 15912 with stopper pins tolerance: 0.5 length: 575 5 9 4.3 15.3 5.7 13.6 0.5 top cover tape embossment embossed carrier 17998 esd sticker tape slot in core 330 (13") regular, special or bar code label 17999 1.75 0.1 (0.069 0.004) 13.3 (0.523) 4.7 (0.185) 0.35 (0.014) 16.0 0.3 (0.630 0.012) 18008 4 0.1 (1.57 0.004) 2 0.05 (0.079 0.002) 10.41 (0.410) 10.21 (0.402) 12.0 (0.472) 7.5 0.05 (0.295 0.002) embossment direction of feed center lines of cavity 10 pitch cumulative tolerance on tape 0.2 (0.008) 1.5 (0.059) min. 1.5 (0.059) pin 1 and top of component top cover tape 0.1 (0.004) max.
6n137, vo2601, vo2611, vo2630, vo2631, vo4661 www.vishay.com vishay semiconductors rev. 2.0, 27-sep-16 15 document number: 84732 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 smd-8 (option 9) fig. 35 - tape and reel shipping medium solder profiles fig. 36 - wave soldering double wave profile according to j-std-020 for dip devices fig. 37 - lead (pb)-free reflow solder profile according to j-std-020 for smd devices handling and storage conditions esd level: hbm class 2 floor life: unlimited conditions: t amb < 30 c, rh < 85 % moisture sensitivity level 1, according to j-std-020 4.17 (0.164) 18009 10.2 (0.402) 10.31 (0.406) 12.0 (0.472) 1.75 0.1 (0.069 0.004) 13.3 (0.523) 0.35 (0.014) 16.0 0.3 (0.630 0.012) 4 0.1 (1.57 0.004) 2 0.05 (0.079 0.002) 7.5 0.05 (0.295 0.002) embossment direction of feed center lines of cavity 10 pitch cumulative tolerance on tape 0.2 (0.008) 1.5 (0.059) min. 1.5 (0.059) pin 1 and top of component top cover tape 0.1 (0.004) max. 2 k/s second wave first wave wave ca. 5 k/s 5 s full line: typical dotted line: process limits time (s) temperature (c) 300 250 200 150 100 50 0 050100 150 200 250 94 8626 lead temperature 235 c to 260 c 100 c to 130 c ca. 200 k/s forced cooling ca. 2 k/s 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of 6N137-X009T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X